|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PRELIMINARY DS2890 1-Wire Digital Potentiometer (R) www.dalsemi.com FEATURES Single element 256-position linear taper potentiometer Supports potentiometer terminal working voltages up to 11V Potentiometer terminal voltage independent of supply voltage Potentiometer wiper position controlled and read over minimal 1-Wire bus interface 100 k resistor element value Provides 1-Wire and VDD power modes Supports Conditional Search based on power-on default wiper position Multiple DS2890's can be identified on a common 1-Wire bus and operated independently Unique factory lasered 64-bit registration number assures error free device selection and absolute part identity Built-in multi-drop controller ensures compatibility with other 1-Wire Network products Supports Overdrive mode which boosts communication speed up to 142 kbits per second -40oC to +85oC operating temperature range 2.8V - 6.0V operating voltage range PIN ASSIGNMENT Top View 6-pin TSOC GND 1-WIRE VDD 1 2 3 6 5 4 RL WIPER RH TO-92 Package 123 123 Bottom View Flip Chip Package top view side view Visit www.dalsemi.com for Flip Chip pinout and mechanical data. ORDERING INFORMATION PART NUMBER DS2890-000 DS2890P-000 DS2890X-000 DS2890T-000 RESISTANCE* 100 k 100 k 100 k 100 k PACKAGE DESCRIPTION T0-92 6-pin TSOC Flip Chip Pkg., Tape & Reel Tape & Reel of DS2890 DS2890V-000 Tape & Reel of DS2890P 100 k * Contact the factory for availability of alternate resistance values 1 of 27 1-WIRE RH GND 061500 DS2890 PIN DESCRIPTION SIGNAL NAME 1-WIRE TYPE I/O FUNCTION 1-Wire bus interface. Open drain, requires external pull-up resistor. Range: 2.8V - 6.0V. See HARDWARE CONFIGURATION for pull-up resistor recommendations. High end terminal of potentiometer resistor element. Range: 0V - 11.0V. Range independent of 1-Wire or VDD supply levels as well as the voltage levels applied to the other potentiometer terminals. Low end terminal of potentiometer resistor element. Range: 0V - 11.0V. Range independent of 1-Wire or VDD supply levels as well as the voltage levels applied to the other potentiometer terminals. Potentiometer wiper terminal. Range 0V - 11.0V. Range independent of 1-Wire or VDD supply levels as well as the voltage levels applied to the other potentiometer terminals. Auxiliary power supply input. Range: 2.8V - 6.0V Ground RH I/O RL I/O WIPER I/O VDD GND PWR PWR DESCRIPTION The DS2890 is a linear taper digitally controlled potentiometer with 256 wiper positions. Device operation, including wiper position, is controlled over the single contact 1-Wire bus for the ultimate in electrical interface simplicity. With a wide 0-11 volt working voltage range for the potentiometer terminals, the DS2890 is ideal for a broad range of industrial and control applications. Potentiometer terminal voltage is independent of device supply voltage as well as the voltage applied to the other potentiometer terminals. Communication with the DS2890 follows the standard Dallas Semiconductor 1-Wire protocol and can be accomplished with minimal hardware such as a single port pin of a microcontroller. Multiple DS2890 devices can reside on a common 1-Wire bus and be operated independently of each other. Each DS2890 has its own unalterable 64-bit ROM registration number that is factory lasered into the chip. The registration number guarantees unique identification for absolute traceability and is used to address the device in a multi-drop 1-Wire Network environment. The DS2890 will respond to a 1-Wire Conditional Search command if the potentiometer wiper is set at the power-on default position. This feature enables the bus master to easily determine whether a potentiometer has gone through a power-on reset and needs to be re-configured with a required wiper position setting. The DS2890 supports two power modes: 1-Wire only mode in which device power is supplied parasitically from the 1-Wire bus or VDD mode where power is supplied from an external supply; when operating from VDD mode wiper resistance is reduced. 2 of 27 DS2890 OPERATION The DS2890 is a single element digital potentiometer; a block diagram of the device is shown in Figure 1. The device has a total of 256 linearly spaced tap points including the RL and RH terminals; a total of 255 resistive segments exist between the RL and RH terminals. These tap points are accessible to the WIPER terminal whose position is controlled via the 1-Wire bus interface. Wiper position and device state are maintained as long as the 1-Wire bus is active or the VDD supply is applied within operating limits. Otherwise, a power-on reset will occur and the wiper position and operating state will return to power-on default conditions. Figure 1. DS2890 BLOCK DIAGRAM As shown in the figure the device has five major elements: the 1-Wire Function Controller, the Potentiometer Controller, the 64-bit ROM, the resistor array, and Parasite Power circuitry. Each of these elements is discussed in detail throughout the remainder of the data sheet. DS2890 control including device selection, positioning/reading the potentiometer wiper, and device operating state is performed over the 1-Wire bus. The hierarchical structure of the 1-Wire protocol as applicable to the DS2890 is shown in Figure 2. As shown, the control sequence starts with the 1-Wire bus master issuing one of eight ROM function commands. After a ROM function command is successfully completed potentiometer functions may be executed. The protocol for ROM and potentiometer functions are described in the "COMMAND FLOW" section. For the 3-pin TO-92 package configuration and operation see the "TO-92 PACKAGE OPERATION" section. 3 of 27 DS2890 Figure 2. 1-WIRE COMMAND HIERARCHICAL STRUCTURE DATA I/O BIT ORDER All data is read and written least significant bit (LSB) first. POTENTIOMETER FEATURE REGISTER Although the feature set of the DS2890 is primarily fixed, a mechanism to identify feature characteristics of future 1-Wire potentiometers has been developed and implemented in the DS2890. As shown in Figure 3, the feature register is an encoded read-only byte that describes the characteristics of the DS2890 and future 1-Wire potentiometers. Feature values that correspond to the DS2890 are highlighted. The feature register is read with the READ CONTROL REGISTER potentiometer function command (see "POTENTIOMETER FUNCTION COMMANDS"). 4 of 27 DS2890 Figure 3. 1-WIRE POTENTIOMETER FEATURE REGISTER Feature Register Bit Encoding b7 PR b6 b5 NWP b4 b3 NP b2 b1 WSV b0 PC Feature Register Bit Definitions Feature Description PC: potentiometer characteristic WSV: wiper setting volatility NP: number of potentiometers Bit(s) b0 b1 b3..b2 Definition If 0: logarithmic potentiometer element(s) If 1: linear potentiometer element(s) If 0: wiper setting(s) are non-volatile If 1: wiper setting(s) are volatile 2 bit binary value representing number of potentiometers: If 00b: 1 potentiometer If 01b: 2 potentiometers If 10b: 3 potentiometers If 11b: 4 potentiometers NWP: number of wiper positions b5..b4 2 bit binary value representing number of wiper positions for each potentiometer: If 00b: 32 positions If 01b: 64 positions If 10b: 128 positions If 11b: 256 positions PR: potentiometer resistance b7..b6 2 bit binary value representing potentiometer resistance: If 00b: 5 k If 01b: 10 k If 10b: 50 k If 11b: 100 k DS2890 feature values are highlighted: value The DS2890 will respond with a feature register value of F3h when a READ CONTROL REGISTER command is executed, see section "POTENTIOMETER FUNCTION COMMANDS". POTENTIOMETER CONTROL REGISTER The potentiometer control register is used to turn on/off the DS2890 charge pump (see section "POTENTIOMETER WIPER RESISTANCE AND CHARGE PUMP CONSIDERATIONS" for a discussion of the charge pump) and has control capabilities for future 1-Wire potentiometers that could contain multiple resistor elements. The format of the control register is shown in Figure 4. 5 of 27 DS2890 Figure 4. POTENTIOMETER CONTROL REGISTER Control Register Bit Encoding b7 X b6 CPC b5 X b4 X b3 b2 b1 b0 WN WN Control Register Bit Definitions* Description Bit(s) Definition WN: wiper number to control b1..b0 2 bit binary value representing the potentiometer wiper to control: If 00b: potentiometer 1 wiper If 01b: potentiometer 2 wiper If 10b: potentiometer 3 wiper If 11b: potentiometer 4 wiper 1's complement of potentiometer wiper to control: If 11b: potentiometer 1 wiper If 10b: potentiometer 2 wiper If 01b: potentiometer 3 wiper If 00b: potentiometer 4 wiper If 0: the charge pump is OFF If 1: the charge pump is ON These bits are reserved for future use by Dallas Semiconductor. These bits should be written to a value of 0. WN : inverted wiper number to control b3..b2 CPC: charge pump control b6 X: don't care. b4,b5,b7 *NOTE: Control Register power-on defaults: Charge Pump is OFF (CPC=0), Wiper Number to control is wiper #1 (WN=00b, WN =11b). Valid DS2890 control values are highlighted: value Thus for the DS2890, valid control register values are: Control Register Value Description 00001100b charge pump off, potentiometer #1 wiper selected 01001100b charge pump on, potentiometer #1 wiper selected As shown in Figure 17 and discussed in the "POTENTIOMETER FUNCTION COMMANDS" section, no change in device state will occur if an invalid control register value is sent. 6 of 27 DS2890 POWER With the charge pump off, the DS2890 can derive its power entirely from the 1-Wire bus by storing energy on an internal capacitor during periods of time when the 1-Wire bus is in a high state. During bus low times the device continues to operate from the energy stored on the internal capacitor; the capacitor is then recharged when the bus returns to a high state. This technique of operating entirely from the 1-Wire bus by powering from energy stored on an internal capacitor during bus low times in known as "parasite powered" operation. As an option, an auxiliary power source may be connected to the VDD power pin. The auxiliary power mode is appropriate for applications where device charge pump activation is necessary, the device may be temporarily disconnected from the 1-Wire bus, or bus low times may be very long. See Figure 5 for example configurations for both power modes. Figure 5. POWER SUPPLY CONFIGURATION OPTIONS (a) Auxiliary VDD Supply Configuration (b) 1-Wire Parasite Power Configuration POTENTIOMETER WIPER RESISTANCE AND CHARGE PUMP CONSIDERATIONS A simplified diagram of the DS2890 resistor array is shown in Figure 6. In this figure the rDS resistance of the wiper transistors in Figure 1 are modeled as wiper resistance RWIPER. The value of RWIPER varies with device configuration, operational state, and wiper terminal voltage. If an auxiliary external VDD supply configuration is used as shown In Figure 5a, the DS2890 charge pump may be enabled to reduce potentiometer wiper resistance. A consequence of enabling the charge pump is increased device power consumption. This increase is beyond the level that can be supported when operating in 1-Wire parasite power mode (see POWER section). Therefore if it is necessary to enable the charge pump in an application, the power supply configuration as shown in Figure 5a must be used. Figure 7 and Figure 8 are graphs of wiper resistance with the charge pump turned ON and OFF respectively. 7 of 27 DS2890 Figure 6. POTENTIOMETER RESISTOR MODEL Figure 7. TYPICAL WIPER RESISTANCE VS WIPER VOLTAGE, CHARGE PUMP ON 10000 Wiper Resistance (ohms) 1000 25C 85C 100 0.1 5.5 Wiper Voltage (V) 11 8 of 27 DS2890 Figure 8. TYPICAL WIPER RESISTANCE VS WIPER VOLTAGE, CHARGE PUMP OFF 100000 10000 3V, 25C 3V, 85C 5V, 25C 5v, 85C 1000 100 0.1 5.5 Wiper Voltage (V) 11 TO-92 PACKAGE OPERATION When packaged in a 3-pin TO-92, the DS2890 takes on a configuration as shown in Figure 9. As shown, the RL and Wiper terminals and are connected to GND and the resistance between the RH terminal and GND is varied. Note that the DS2890 charge pump must be turned off (default state) for this configuration. (This is a power consumption issue as described in the section "POTENTIOMETER WIPER RESISTANCE AND CHARGE PUMP CONSIDERATIONS".) 9 of 27 DS2890 Figure 9. DS2890 TO-92 CONFIGURATION BLOCK DIAGRAM 64-BIT LASTERED ROM Each DS2890 contains a unique ROM registration number that is 64 bits long; the format of this value is shown in Figure 10. The first 8 bits are a 1-Wire family code; the family code for the DS2890 and future 1-Wire Potentiometers is 2Ch.. The next 48 bits are a unique serial number that is administered by Dallas Semiconductor. The last 8 bits are a CRC of the first 56 bits. The 1-Wire CRC is generated using a polynomial generator consisting of a shift register and XOR gates as shown in Figure 11. Operationally, the CRC generator works as follows: The shift register bits are first initialized to zero. Then starting with the least significant bit, the 8-bit family code is shifted in. After the 8th bit of the family code has been entered, the 48-bit serial number is shifted in. After shifting in the 48th bit of the serial number the shift register contains the CRC value. Shifting in the 8 bits of CRC should return the shift register to an all zeros value. Detailed information about the Dallas 1-Wire Cyclic Redundancy Check is available in the Book of DS19xx iButton Standards. The 64-bit ROM and the 1-Wire Function Controller portions of the DS2890 allow the device to operate as a 1-Wire device and follow the protocol detailed in the section "TRANSACTION SEQUENCE". Figure 10. 64-BIT LASERED ROM MSB 8-Bit CRC Code MSB LSB MSB 48-Bit Serial Number LSB LSB 8-Bit Family Code (2Ch) MSB LSB 10 of 27 DS2890 Figure 11. 1-WIRE CRC GENERATOR Polynomial = X8 + X5 + X4 + 1 R S 1ST STAGE 2ND STAGE 3RD STAGE 4TH STAGE 5TH STAGE 6TH STAGE 7TH STAGE 8TH STAGE X0 X1 X2 X3 X4 X5 X6 X7 X8 INPUT DATA POTENTIOMETER FUNCTION COMMANDS Once the bus master has completed a ROM command sequence, one of six DS2890 potentiometer function commands can be issued. The Potentiometer Function Command flow charts, Figure 16 and Figure 17, describe the protocols necessary for adjusting or reading the potentiometer wiper position or controlling the operating state of the DS2890. All potentiometer functions consist of a single command byte followed by one or more bytes of data or control written/read by the bus master. All data transferred between the DS2890 and the bus master are communicated least significant bit first. READ POSITION [F0H] The Read Position command is used to obtain the wiper setting of the potentiometer currently addressed by the Control Register. Although the DS2890 is a single element potentiometer, wiper addressing still applies and the Control Register wiper number used for addressing must be set accordingly. In addition to wiper position, the Control Register byte will be returned with a Read Position command. This enables the bus master to easily confirm/determine the currently addressed potentiometer wiper. Following the Read Position command byte, the bus master reads 16 bits to obtain first the Control Register byte then the wiper position byte. The DS2890 will respond with 0's to additional reads after the 8 bit of the position byte. The Read Position command is terminated with a Reset pulse. WRITE POSITION [0FH] The Write Position command is used to set the position of the currently addressed potentiometer wiper. Although the DS2890 is a single element potentiometer, wiper addressing still applies and the Control Register wiper number used for addressing must be set accordingly. The bus master follows the Write Position command byte with an 8-bit wiper position value. Following the 8th bit of the position byte, the bus master reads back the 8-bit position value from the DS2890 to confirm that the value was received correctly by the device. If an incorrect value is read back, the bus master must issue a Reset pulse and repeat the sequence. If the value read back is correct, the bus master then sends the 8-bit release code (96h). If the DS2890 accurately receives the release code, the wiper position is updated and the device will respond with 0's to additional reads by the bus master. If an invalid release code is received, no change is made to the wiper position and the device will respond with 1's to additional reads by the bus master. The Write Position command is terminated with a Reset pulse. 11 of 27 DS2890 READ CONTROL REGISTER [AAH] The Read Control Register command is used to obtain both the Control Register and potentiometer Feature Register. Following the Read Control Register command byte, the bus master reads 16 bits to obtain first the Feature Register byte and then the Control Register byte. The DS2890 will respond with 0's to additional reads after the 8 bit of the Control Register byte. The Read Control Register command is terminated with a Reset pulse. WRITE CONTROL REGISTER [55H] The Write Control Register command is used to manipulate DS2890 state bits located in the Control Register. This command is used to set the potentiometer wiper address and charge pump state. The bus master follows the Write Control Register command byte with an 8-bit register value. Following the 8th bit of the register byte, the bus master reads back the 8-bit control value from the DS2890 to confirm that the device received the correct value (Note that if an invalid register value was received by the DS2890, the bus master will read all 1's (FFh) during the read back sequence.). If a value other than FFh is read, the bus master determines if the DS2890 received the correct value. If an incorrect value is read back, the bus master must issue a Reset pulse and repeat the sequence. If the value read back is correct, the bus master then sends the 8-bit release code (96h). If the DS2890 accurately receives the release code, the Control Register is updated and the device will respond with 0's to additional reads by the bus master. If an invalid release code is received, no change is made to the Control Register and the device will respond with 1's to additional reads by the bus master. The Write Control Register command is terminated with a Reset pulse. INCREMENT [C3H] The Increment command is used for a one step position increase of the currently addressed potentiometer wiper. Although the DS2890 is a single element potentiometer, wiper addressing still applies and the Control Register wiper number used for addressing must be set accordingly. The bus master follows the Increment command byte with an 8-bit read to which the DS2890 will respond with the new 8-bit wiper position set point. No position change is made if the DS2890 wiper is at the maximum position (FFh) and an Increment command is received. One difference between the Increment/Decrement commands and other potentiometer functions is that upon completion of either of these commands, 1-Wire command processing remains at the potentiometer function level. As shown in Figure 16, additional potentiometer commands may be sent without going through the ROM function flow. DECREMENT [99H] The Decrement command is used for a one step position decrease of the currently addressed potentiometer wiper. Although the DS2890 is a single element potentiometer, wiper addressing still applies and the Control Register wiper number used for addressing must be set accordingly. The bus master follows the Decrement command byte with an 8-bit read to which the DS2890 will respond with the new 8-bit wiper position set point. No position change is made if the DS2890 wiper is at the minimum position (00h) and a Decrement command is received. One difference between the Increment/Decrement commands and other potentiometer functions is that upon completion of either of these commands, 1-Wire command processing remains at the potentiometer function level. As shown in Figure 16, additional potentiometer commands may be sent without going through the ROM function flow. 12 of 27 DS2890 1-WIRE BUS SYSTEM The 1-Wire bus is a system, which has a single bus master and one or more slaves. In all instances the DS2890 is a slave device. The bus master is typically a microcontroller. The discussion of this bus system is broken down into three topics: hardware configuration, transaction sequence, and 1-Wire signaling (signal types and timing). The 1-Wire protocol defines bus transactions in terms of the bus state during specific time slots that are initiated on the falling edge of sync pulses from the bus master. For a more detailed protocol description, refer to Chapter 4 of the Book of DS19xx iButton Standards. HARDWARE CONFIGURATION The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have open drain or 3-state outputs. The 1-Wire port of the DS2890 is open drain with an internal circuit equivalent to that shown in Figure 9. A multi-drop bus consists of a 1-Wire bus with multiple slaves attached. At regular speed the 1-Wire bus has a maximum data rate of 16.3 kbits per second. The speed can be boosted to 142 kbits per second by activating the Overdrive Mode. For a discrete bus master interface as in Figure 12, the 1-Wire bus requires a pull-up resistor with a minimum value of 2.2 k. Depending on 1-Wire communication speed, regular or overdrive, and bus load characteristics, the optimal pull-up resistor value will be in the 1.5 k to 5 k range. Figure 13 shows a DS2480B bus master configuration with an interface to the host CPU serial port. Among many features, the DS2480B simplifies the 1-Wire interface design, generates slew-rate controlled 1-Wire waveforms, and off-loads 1-Wire timing generation overhead required in a discrete solution. The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus MUST be left in the idle state if the transaction is to resume. If this does not occur and the bus is left low for more than 16 s (Overdrive Speed) or more than 120 s (regular speed), one or more devices on the bus may be reset. Figure 12. HARDWARE CONFIGURATION BUS MASTER Open Drain Port Pin RX VPUP See Text DS2890 1-WIRE PORT DATA RX TX RX = RECEIVE TX = TRANSMIT 5 A Typ. TX 100 MOSFET NOTE: Depending on 1-Wire communication speed, regular or overdrive, and bus load characteristics, the optimal pull-up resistor value will be in the 1.5 k to 5 k range. 13 of 27 DS2890 Figure 13. BUS MASTER WITH DS2480B DRIVER +5V BUS MASTER HOST CPU serial port serial in serial out VDD POL RXD VPP 1-W NC to 1-WIRE connection of DS2890 TXD GND DS2480B TRANSACTION SEQUENCE The protocol for accessing the DS2890 via the 1-Wire port is as follows: * Initialization * ROM Function Command * Potentiometer Function Command * Transaction/Data INITIALIZATION All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence consists of a reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the slave(s). The presence pulse lets the bus master know that the DS2890 is on the bus and is ready to operate. For more details, see the "1-WIRE SIGNALING" section. ROM FUNCTION COMMANDS Once the bus master has detected a presence, it can issue one of the eight ROM function commands that the DS2890 supports. All ROM function commands are 8 bits long. A list of these commands follows (refer to Figure 18 and Figure 19 flowcharts): READ ROM [33H] This command allows the bus master to read the DS2890's 8-bit family code, unique 48-bit serial number, and 8-bit CRC. This command should only be used if there is a single slave on the bus. If more than one slave is present on the bus, a data collision will occur when all slaves try to transmit at the same time (open drain will produce a wired-AND result). The resultant family code and 48-bit serial number read by the master will be invalid. MATCH ROM [55H] The match ROM command, followed by a 64-bit ROM sequence, allows the bus master to address a specific DS2890 on a multi-drop bus. Only the DS2890 that exactly matches the 64-bit ROM sequence will respond to the following memory function command. All slaves that do not match the 64-bit ROM sequence will wait for a reset pulse. This command can be used with a single or multiple devices on the bus. 14 of 27 DS2890 SEARCH ROM [F0H] When a multi-drop system is initially brought up, the bus master might not know the number of devices on the 1-Wire bus or their 64-bit ROM codes. The search ROM command allows the bus master to use a process of elimination to identify the 64-bit ROM codes of all slave devices on the bus. The search ROM process is the repetition of a simple 3-step routine: read a bit, read the complement of the bit, then write the desired value of that bit. The bus master performs this 3-step routine on each bit of the ROM. After one complete pass, the bus master knows the 64-bit ROM code of one device. Additional passes will identify the ROM codes of the remaining devices. See Chapter 5 of the Book of DS19xx iButton Standards for a comprehensive discussion of a search ROM, including an actual example. CONDITIONAL SEARCH ROM [ECH] The Conditional Search ROM command operates similarly to the Search ROM command except that only devices fulfilling the specified search condition will participate in the search. The device condition that will cause individual DS2890s to participate in a Conditional Search is a wiper position located at the power-on default setting (00h). This feature enables the bus master to easily determine whether a potentiometer has gone through a power-on reset and needs to be re-configured with a required wiper position setting. SKIP ROM [CCH] This command can save time in a single drop bus system by allowing the bus master to access potentiometer functions without providing the 64-bit ROM code. If more than one slave is present on the bus and, for example, a read command is issued following the Skip ROM command, data collision will occur on the bus as multiple slaves transmit simultaneously (open drain pull-downs will produce a wiredAND result). OVERDRIVE SKIP ROM [3CH] On a single-drop bus this command can save time by allowing the bus master to access the memory functions without providing the 64-bit ROM code. Unlike the normal Skip ROM command the Overdrive Skip ROM sets the DS2890 in the Overdrive Mode. All communication following this command code has to occur at Overdrive Speed until a reset pulse of minimum 480 s duration resets all devices on the bus to regular speed. When issued on a multi-drop bus this command will set all Overdrive-supporting devices into Overdrive mode. To subsequently address a specific Overdrive-supporting device, a reset pulse at Overdrive speed has to be issued followed by a Match ROM or Search ROM command sequence. This will speed up the search process. If more than one Overdrive-supporting slave is present on the bus and the Overdrive Skip ROM command is followed by a read command, data collision will occur on the bus as multiple slaves transmit simultaneously (open drain pull-downs will produce a wire-AND result). OVERDRIVE MATCH ROM [69H] The Overdrive Match ROM command, followed by a 64-bit ROM sequence transmitted at Overdrive Speed, allows the bus master to address a specific DS2890 on a multi-drop bus and to simultaneously set it in Overdrive Mode. Only the DS2890 that exactly matches the 64-bit ROM sequence will respond to the subsequent potentiometer function command. Slaves already in Overdrive mode from a previous Overdrive Skip or a successful Overdrive Match command will remain in Overdrive mode. All Overdrive-capable slaves will return to regular speed at the next Reset Pulse of minimum 480 s duration. The Overdrive Match ROM command can be used with a single or multiple devices on the bus. 15 of 27 DS2890 RESUME COMMAND [A5H] In a typical application the DS2890 may be accessed several times to complete a control adjustment. In a multi-drop environment this means that the 64-bit ROM sequence of a Match ROM command has to be repeated for every access. To maximize the data throughput in a multi-drop environment the Resume Command function was implemented. As shown in Figure 19, this function checks the status of the RC flag and, if it is set, directly transfers control to the potentiometer functions, similar to a Skip ROM command. The only way to set the RC flag is through successfully executing the Match ROM, Search ROM, Conditional Search ROM, or Overdrive Match ROM command. Once the RC flag is set, the device can repeatedly be accessed through the Resume Command function. Accessing another device on the bus will clear the RC flag, preventing two or more devices from simultaneously responding to the Resume Command function. POTENTIOMETER FUNCTION EXAMPLE At regular speed with an auxiliary supply (VDD within range): turn on the charge pump, set the wiper position to mid-point, increment the wiper twice, and decrement the wiper once. MASTER MODE TX RX TX TX TX RX TX RX TX RX TX TX TX RX TX RX TX RX TX DATA (LSB FIRST) Reset Presence CCh 55h 4Ch 96h Reset Presence CCh 0Fh 7Fh 96h Reset Presence CCh COMMENTS Reset Pulse (480 - 960 s) Presence Pulse Issue Skip ROM Command Issue Write Control Register Command Issue Control Register value for WN=0, CPC=1 Read back Control Register value (4Ch) and verify Issue Release Code to update Control Register If 0's are read, update was successful; if 1's are read, the update failed Reset Pulse (480 - 960 s) Presence Pulse Issue Skip ROM Command Issue Write Position Command Write Wiper Position value Read back Wiper Position byte and verify Issue Release Code to update Wiper Position If 0's are read, update was successful; if 1's are read, the update failed Reset Pulse Presence Pulse Issue Skip ROM Command 16 of 27 DS2890 MASTER MODE TX RX TX RX TX RX TX DATA (LSB FIRST) C3h C3h 99h Reset COMMENTS Issue Wiper Increment Command Read new wiper position Issue Wiper Increment Command Read new wiper position Issue Wiper Decrement Command Read new wiper position Reset Pulse 1-WIRE SIGNALING The DS2890 requires strict protocols to ensure data integrity. The protocol consists of four types of signaling on one line: Reset Sequence with Reset Pulse and Presence Pulse, Write 0, Write 1 and Read Data. Except for the presence pulse the bus master initiates all these signals. The DS2890 can communicate at two different speeds, regular speed and Overdrive Speed. If not explicitly set into the Overdrive mode, the DS2890 will communicate at regular speed. While in Overdrive Mode the fast timing applies to all waveforms. The initialization sequence required to begin any communication with the DS2890 is shown in Figure 14. A Reset Pulse followed by a Presence Pulse indicates the DS2890 is ready to send or receive data. The bus master transmits (TX) a reset pulse (tRSTL, minimum 480 s at regular speed, 48 s at Overdrive Speed). The bus master then releases the line and goes into receive mode (RX). The 1-Wire bus is pulled to a high state via the pull-up resistor. After detecting the rising edge on the data contact, the DS2890 waits (tPDH, 15-60 s at regular speed, 2-6 s at Overdrive speed) and then transmits the Presence Pulse (tPDL, 60-240 s at regular speed, 8-24 s at Overdrive Speed). A Reset Pulse of 480 s or longer will exit the Overdrive Mode returning the device to regular speed. If the DS2890 is in Overdrive Mode and the Reset Pulse is no longer than 80 s the device will remain in Overdrive Mode. READ/WRITE TIME SLOTS The definitions of write and read time slots are illustrated in Figure 15 (a-c). The master initiates all time slots by driving the data line low. The falling edge of the data line synchronizes the DS2890 to the master by triggering an internal timing circuit. During write time slots, the timing circuit determines when the DS2890 will sample the data line. For a read data time slot, if a "0" is to be transmitted, the timing circuit determines how long the DS2890 will hold the data line low. If the data bit is a "1", the DS2890 will not hold the data line low at all. 17 of 27 DS2890 Figure 14. INITIALIZATION PROCEDURE "RESET AND PRESENCE PULSES" MASTER TX "RESET PULSE" VPULLUP VPULLUP MIN VIH MIN VIL MAX 0V tRSTL RESISTOR MASTER DS2890 tR tPDH tPDL OVERDRIVE SPEED 48 s tRSTL < 80 s 48 s tRSTH < ** 2 s tPDH < 6 s 8 tPDL < 24 s MASTER RX "PRESENCE PULSE" tRSTH REGULAR SPEED 480 s tRSTL < * 480 s tRSTH < ** 15 s tPDH < 60 s 60 tPDL < 240 s * In order not to mask interrupt signaling by other devices on the 1-Wire bus and to prevent a poweron reset of the parasite powered circuit, tRSTL + tR should always be less than 960 s. ** Includes recovery time. Figure 15. READ/WRITE TIMING DIAGRAMS a) Write-one Time Slot VPULLUP VPULLUP MIN VIH MIN DS2890 Sampling Window VIL MAX 0V tLOW1 15s (OD: 2s) 60s REGULAR SPEED 60 s tSLOT < 120 s 1 s tLOW1 < 15 s 1 s tREC < (OD: 6s) OVERDRIVE SPEED 6 s tSLOT < 16 s 1 s tLOW1 < 2 s 1 s tREC < tSLOT tREC RESISTOR MASTER 18 of 27 DS2890 b) Write-zero Time Slot VPULLUP VPULLUP MIN VIH MIN DS2890 Sampling Window VIL MAX 0V 15s (OD: 2s) (OD: 6s) 60s t LOW0 OVERDRIVE SPEED 6 s tLOW0 < tSLOT < 16 s 1 s tREC < tSLOT tREC RESISTOR MASTER REGULAR SPEED 60 s tLOW0 < tSLOT < 120 s 1 s tREC < c) Read-data Time Slot VPULLUP VPULLUP MIN VIH MIN VIL MAX 0V tSU tLOWR tRDV REGULAR SPEED 60 s tSLOT < 120 s RESISTOR MASTER DS2890 1 s tLOWR < 15 s 1 s tREC < tRDV = 15 s tSU < 1 s 0 tRELEASE < 45 s OVERDRIVE SPEED 6 s tSLOT < 16 s 1 s tLOWR < 2 s 0 tRELEASE < 4 s 1 s tREC < tRDV = 2 s tSU < 1 s tRELEASE Master Sampling Window tSLOT tREC *The optimal sampling point for the master is as close as possible to the end time of the tRDV period without exceeding tRDV. For the case of a Read-one time slot, this maximizes the amount of time for the pull-up resistor to recover the line to a high level. For a Read-zero time slot it ensures that a read will occur before the fastest 1-Wire device(s) release the line (tRELEASE = 0). 19 of 27 DS2890 Figure 16. POTENTIOMETER FUNCTION COMMAND FLOW 20 of 27 DS2890 Figure 17. POTENTIOMETER FUNCTION COMMAND FLOW (continued) 21 of 27 DS2890 Figure 18. ROM FUNCTION COMMAND FLOW 22 of 27 DS2890 Figure 19. ROM FUNCTION COMMAND FLOW (continued) 23 of 27 DS2890 ELECTRICAL CHARACTERISTICS ABSOLUTE MAXIMUM RATINGS Voltage on RH, RL, WIPER Relative to Ground Voltage on Other Pins Relative to Ground Operating Temperature Storage Temperature Soldering Temperature -0.5V to +11.0V -0.5V to +6.0V -40oC to +85oC -55oC to +125oC See J-STD-020A specification * This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. RECOMMENDED DC OPERATING CONDITIONS PARAMETER 1-Wire Pull-Up Voltage Auxiliary Supply Voltage SYMBOL VPUP VDD MIN 2.8 2.8 -0.3 TYP 6.0 6.0 0.8 -40C TA +85C MAX UNITS V V V NOTES 1 1,2 1,3 NOTES: 1. Voltages are referenced to ground 2. Range applicable when an auxiliary VDD supply is used 3. Range applicable when an auxiliary VDD supply is not used POTENTIOMETER CHARACTERISTIC 2.8V VPUP 6.0V, -40C TA +85C PARAMETER Resistor Terminal Voltage End-to-End Total Resistance End-to-End Resistance Tolerance Wiper Resistance: Absolute Linearity Relative Linearity -3 dB cutoff frequency Temperature Coefficient fCUTOFF 100 800 RWIPER 0.6 0.25 SYMBOL MIN -0.3 TYP MAX 11.0 UNITS V k NOTES 1 100 -25 25 % 2 3 LSB LSB kHz ppm/oC 4 5 24 of 27 DS2890 NOTES: 1. Voltage is referenced to ground. 2. Valid at 25oC only. 3. Wiper resistance is a function of operating characteristics. See section "POTENTIOMETER WIPER RESISTANCE AND CHARGE PUMP CONSIDERATIONS" for RWIPER characteristics. 4. Absolute linearity is a measure of wiper output voltage versus expected wiper voltage as determined by wiper position. 5. Relative linearity is a measure of the output deviation between successive potentiometer tap points. DC ELECTRICAL CHARACTERISTICS 2.8V VPUP 6.0V, -40C TA +85C PARAMETER 1-Wire Input High 1-Wire Input Low 1-Wire Output High 1-Wire Output Low @ 4 mA 1-Wire Input Leakage Current VDD Input Current, Charge Pump OFF VDD Input Current, charge Pump ON SYMBOL VIH VIL VOH VOL IL IDD IDD 5 4.0 2.0 MIN 2.2 -0.3 VPUP 0.8 6.0 0.4 TYP MAX UNITS V V V V A A NOTES 1 1,2 1,3 1 4 5 6 mA NOTES: 1. Voltages are referenced to ground. 2. Under certain low voltage conditions VILMAX may have to be reduced to as much as 0.5V to always guarantee a presence pulse. 3. VPUP is the external 1-Wire pull-up voltage. 4. Input load is to ground. 5. Input current when an auxiliary VDD supply is used and the charge pump is turned OFF. 6. Input current when an auxiliary VDD supply is used and the charge pump is turned ON. 25 of 27 DS2890 AC ELECTRICAL CHARACTERISTICS - REGULAR 1-WIRE SPEED 2.8V VPUP 6.0V, -40C TA +85C PARAMETER Time Slot Write 1 Low Time Write 0 Low Time Read Low Time Read Data Valid Release Time Read Data Setup Recovery Time Reset High Time Reset Low Time Presence Detect High Presence Detect Low SYMBOL tSLOT tLOW1 tLOW0 tLOWR tRDV tRELEASE tSU tREC tRSTH tRSTL tPDH tPDL 1 480 480 15 60 60 240 0 MIN 60 1 60 1 15 15 45 1 TYP MAX 120 15 120 15 UNITS s s s s s s s s s s s s 3 4 2 1 NOTES NOTES: 1. The optimal sampling point for the master is as close as possible to the end time of the 15 s tRDV period without exceeding tRDV. For the case of a Read-one time slot, this maximizes the amount of time for the pull-up resistor to recover the line to a high level. For a Read-zero time slot it ensures that a read will occur before the fastest 1-Wire device(s) release the line (tRELEASE = 0). 2. Read data setup time refers to the time the host must pull the 1-Wire bus low to read a bit. Data is guaranteed to be valid within 1 s of this falling edge. 3. An additional reset or communication sequence cannot begin until the reset high time (tRSTH) has expired. 4. The reset low time (tRSTL) should be restricted to a maximum of 960 s, to allow interrupt signaling, otherwise, it could mask or conceal interrupt pulses. AC ELECTRICAL CHARACTERISTICS - OVERDRIVE 1-WIRE SPEED 2.8V VPUP 6.0V, -40C TA +85C PARAMETER Time Slot Write 1 Low Time Write 0 Low Time Read Low Time Read Data Valid Release Time Read Data Setup SYMBOL tSLOT tLOW1 tLOW0 tLOWR tRDV tRELEASE tSU 26 of 27 MIN 6 1 6 1 TYP MAX 16 2 16 2 UNITS s s s s s NOTES 2 0 1.5 4 1 9 4 s s DS2890 AC ELECTRICAL CHARACTERISTICS - OVERDRIVE 1-WIRE SPEED 2.8V VPUP 6.0V, -40C TA +85C PARAMETER Recovery Time Reset High Time Reset Low Time Presence Detect High Presence Detect Low SYMBOL tREC tRSTH tRSTL tPDH tPDL MIN 1 48 48 2 8 80 6 24 TYP MAX UNITS s s s s s NOTES NOTES: 1. The optimal sampling point for the master is as close as possible to the end time of the 2 s tRDV period without exceeding tRDV. For the case of a Read-one time slot, this maximizes the amount of time for the pull-up resistor to recover the line to a high level. For a Read-zero time slot it ensures that a read will occur before the fastest 1-Wire device(s) release the line (tRELEASE = 0). 2. Read data setup time refers to the time the host must pull the 1-Wire bus low to read a bit. Data is guaranteed to be valid within 1 s of this falling edge. 3. An additional reset or communication sequence cannot begin until the reset high time (tRSTH) has expired. 4. The reset low time (tRSTL) should be restricted to a maximum of 960 s, to allow interrupt signaling, otherwise, it could mask or conceal interrupt pulses. CAPACITANCE PARAMETER 1-Wire Pin VDD Pin Resistor Terminals 10 10 SYMBOL MIN TYP MAX 800 pF pF pF TA = 25C UNITS NOTES 1 NOTE: 1. Capacitance on the 1-Wire pin could be 800 pF when power is first applied. If a 5 k is used to pull up the 1-Wire line to VPUP, the capacitance will not affect communications after a 5 s charge time. 27 of 27 |
Price & Availability of DS2890V-000 |